Part Number Hot Search : 
EF974018 8002D 361315PQ 2N390 IDT7027S 14001 IRKC196 GM71C4
Product Description
Full Text Search
 

To Download 0914070002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0914070002 Active
2.54mm (.100") Pitch SIM Card Holder, 6 Circuits, SMT, 0.50m (20") Gold (Au) Plating, with 6 Solder Tabs, Housing Height 3.40mm (.134"), Lead Free
Documents: Drawing (PDF) Product Specification PS-91407-004 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Button Type Component Type Product Name Type Memory Card Sockets 91407 N/A Card Holder (Host) SIM N/A
Series image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style N/A 6 6 Black 5,000 No Ejector Button Present Vertical (Top Entry) Yes Phosphor Bronze Gold Palladium High Temperature Thermoplastic No Normal Yes Tray 0.100 In 2.54 mm 0.100 In 2.54 mm 20 0.50 40 1.00 1 -30C to +85C Surface Mount
Search Parts in this Series 91407Series Mates With Standard SIM Card
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.5A No 50V DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-91407-004, RPS-91407-004 SD-91407-002
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0914070002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X